multilayer ceramic chip capacitors 1 of 3 creation date : june 05, 2017 (gmt) c4532x5r1e226m250ka tdk item description c4532x5r1e226mt**** applications commercial grade feature general general (up to 50v) series c4532 [eia 1812] status production size length(l) 4.50mm 0.40mm width(w) 3.20mm 0.40mm thickness(t) 2.50mm 0.30mm terminal width(b) 0.20mm min. terminal spacing(g) recommended land pattern (pa) 3.10mm to 3.70mm recommended land pattern (pb) 1.20mm to 1.40mm recommended land pattern (pc) 2.40mm to 3.20mm electrical characteristics capacitance 22f 20% rated voltage 25vdc temperature characteristic x5r(15%) dissipation factor (max.) 3% insulation resistance (min.) 22m other soldering method re?ow aec-q200 no packing blister (plastic)taping [180mm reel] package quantity 500pcs ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
multilayer ceramic chip capacitors 2 of 3 creation date : june 05, 2017 (gmt) c4532x5r1e226m250ka characteristic graphs (this is reference data, and does not guarantee the products characteristics.) impedance c4532x5r1e226m250ka esr c4532x5r1e226m250ka capacitance c4532x5r1e226m250ka dc bias characteristic c4532x5r1e226m250ka temperature characteristic c4532x5r1e226m250ka(no bias) c4532x5r1e226m250ka(dc bias = 12.5v ) ripple temperature rising c4532x5r1e226m250ka(100khz) c4532x5r1e226m250ka(500khz) c4532x5r1e226m250ka(1mhz) ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
multilayer ceramic chip capacitors 3 of 3 creation date : june 05, 2017 (gmt) c4532x5r1e226m250ka associated images land pattern (terminal connection) ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
|